PART |
Description |
Maker |
TE28F016SC-110 PA28F004SC-120 PA28F004SC-85 PA28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
|
INTEL[Intel Corporation]
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
TE28F016S5-110 PA28F004S5-120 PA28F004S5-85 PA28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 8 AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
|
INTEL[Intel Corporation]
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
LTC1599BCGTR |
16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
|
Linear Technology
|
P89LPC980FDH P89LPC980 P89LPC982 P89LPC982FA P89LP |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
ENA1028A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC872G08A LC872G04A LC872G06A LC872G08A10 |
8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ST10F268 |
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
|
STMicroelectronics
|
LC87FBK08A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ST10F269Z2Q3 ST10F269Z2Q6 ST10F269Z2QX |
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
|
STMICROELECTRONICS[STMicroelectronics]
|